Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 39 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 35Page - Microchip Technology PIC16F18345 Datasheet HTML 36Page - Microchip Technology PIC16F18345 Datasheet HTML 37Page - Microchip Technology PIC16F18345 Datasheet HTML 38Page - Microchip Technology PIC16F18345 Datasheet HTML 39Page - Microchip Technology PIC16F18345 Datasheet HTML 40Page - Microchip Technology PIC16F18345 Datasheet HTML 41Page - Microchip Technology PIC16F18345 Datasheet HTML 42Page - Microchip Technology PIC16F18345 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 442 page
background image
Bank 29
CPU CORE REGISTERS; see Table 3-2 for specifics
E8Ch-E8Fh
Unimplemented
E90h
RA0PPS
RA0PPS<4:0>
---0 0000
---u uuuu
E91h
RA1PPS
RA1PPS<4:0>
---0 0000
---u uuuu
E92h
RA2PPS
RA2PPS<4:0>
---0 0000
---u uuuu
E93h
Unimplemented
E94h
RA4PPS
RA4PPS<4:0>
---0 0000
---u uuuu
E95h
RA5PPS
RA5PPS<4:0>
---0 0000
---u uuuu
E96h-E9Fh
Unimplemented
---0 0000
---u uuuu
EA0h
RC0PPS
RC0PPS<4:0>
---0 0000
---u uuuu
EA1h
RC1PPS
RC1PPS<4:0>
---0 0000
---u uuuu
EA2h
RC2PPS
RC2PPS<4:0>
---0 0000
---u uuuu
EA3h
RC3PPS
RC3PPS<4:0>
---0 0000
---u uuuu
EA4h
RC4PPS
RC4PPS<4:0>
---0 0000
---u uuuu
EA5h
RC5PPS
RC5PPS<4:0>
---0 0000
---u uuuu
E97h
Unimplemented
---0 0000
---u uuuu
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com