Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 96 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 96 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 92Page - Microchip Technology PIC16F18345 Datasheet HTML 93Page - Microchip Technology PIC16F18345 Datasheet HTML 94Page - Microchip Technology PIC16F18345 Datasheet HTML 95Page - Microchip Technology PIC16F18345 Datasheet HTML 96Page - Microchip Technology PIC16F18345 Datasheet HTML 97Page - Microchip Technology PIC16F18345 Datasheet HTML 98Page - Microchip Technology PIC16F18345 Datasheet HTML 99Page - Microchip Technology PIC16F18345 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 96
Preliminary
 2015 Microchip Technology Inc.
REGISTER 7-10:
PIR3: PERIPHERAL INTERRUPT REQUEST REGISTER 3
R/W/HS-0/0
R/W/HS-0/0
U-0
U-0
U-0
U-0
R/W/HS-0/0 R/W/HS-0/0
OSFIF
CSWIF
CLC2IF
CLC1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Hardware set
bit 7
OSFIF:
Oscillator Failsafe Interrupt Flag bit
1
= Oscillator fail-safe interrupt has occurred
0
= No oscillator fail-safe interrupt
bit 6
CSWIF:
Clock Switch Complete Interrupt Flag bit
1
= The clock switch module indicates an interrupt condition
0
= The clock switch module does not indicate an interrupt condition
bit 5-2
Unimplemented:
Read as ‘0’
bit 1
CLC2IF:
CLC2 Interrupt Flag bit
1
= The CLC2OUT interrupt condition has been met
0
= No CLC2 interrupt
bit 0
CLC1IF:
Direct Digital Synthesizer Interrupt Flag bit
1
= The CLC1OUT interrupt condition has been met
0
= No CLC1 interrupt
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com