Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 71 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 67Page - Microchip Technology PIC16F18345 Datasheet HTML 68Page - Microchip Technology PIC16F18345 Datasheet HTML 69Page - Microchip Technology PIC16F18345 Datasheet HTML 70Page - Microchip Technology PIC16F18345 Datasheet HTML 71Page - Microchip Technology PIC16F18345 Datasheet HTML 72Page - Microchip Technology PIC16F18345 Datasheet HTML 73Page - Microchip Technology PIC16F18345 Datasheet HTML 74Page - Microchip Technology PIC16F18345 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 71
PIC16(L)F18313/18323
Changing the clock post-divider without changing the
clock source (i.e., changing FOSC from 1 MHz to 2
MHz) is handled in the same manner as a clock source
change, as described previously. The clock source will
already be active, so the switch is relatively quick.
CSWHOLD must be clear (CSWHOLD = 0) for the
switch to complete.
The current COSC and CDIV are indicated in the
OSCCON2 register up to the moment when the switch
actually occurs, at which time OSCCON2 is updated
and ORDY is set. NOSCR is cleared by hardware to
indicate that the switch is complete.
6.3.2
PLL INPUT SWITCH
Switching between the PLL and any non-PLL source is
managed as described above. The input to the PLL is
established when NOSC selects the PLL, and main-
tained by the COSC setting.
When NOSC and COSC select the PLL with different
input sources, the system continues to run using the
COSC setting, and the new source is enabled per
NOSC. When the new oscillator is ready (and
CSWHOLD = 0), system operation is suspended while
the PLL input is switched and the PLL acquires lock.
6.3.3
CLOCK SWITCH AND SLEEP
If OSCCON1 is written with a new value and the device
is put to Sleep before the switch completes, the switch
will not take place and the device will enter Sleep
mode.
When the device wakes from Sleep and the
CSWHOLD bit is clear, the device will wake with the
‘new’ clock active, and the Clock Switch Interrupt Flag
bit (CSWIF) will be set.
When the device wakes from Sleep and the
CSWHOLD bit is set, the device will wake with the ‘old’
clock active and the new clock will be requested again.
FIGURE 6-6:
CLOCK SWITCH (CSWHOLD = 0)
Note 1:
CSWIF is asserted coincident with NOSCR; interrupt is serviced at OSC#2 speed.
2:
The assertion of NOSCR is hidden from the user because it appears only for the duration of the switch.
CSWHOLD
NOSCR
OSC #2
CSWIF
OSCCON1
WRITTEN
NOTE 1
USER
CLEAR
OSC #1
NOTE 2
ORDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com