Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 77 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 77 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 73Page - Microchip Technology PIC16F18345 Datasheet HTML 74Page - Microchip Technology PIC16F18345 Datasheet HTML 75Page - Microchip Technology PIC16F18345 Datasheet HTML 76Page - Microchip Technology PIC16F18345 Datasheet HTML 77Page - Microchip Technology PIC16F18345 Datasheet HTML 78Page - Microchip Technology PIC16F18345 Datasheet HTML 79Page - Microchip Technology PIC16F18345 Datasheet HTML 80Page - Microchip Technology PIC16F18345 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 77
PIC16(L)F18313/18323
REGISTER 6-3:
OSCCON3: OSCILLATOR CONTROL REGISTER 3
R/W/HC-0/0
R/W-0/0
R/W-0/0
R-0/0
R-0/0
U-0
U-0
U-0
CSWHOLD
SOSCPWR
SOSCBE
ORDY
NOSCR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
CSWHOLD:
Clock Switch Hold bit
1
=
Clock switch will hold (with interrupt) when the oscillator selected by NOSC is ready
0
=
Clock switch may proceed when the oscillator selected by NOSC is ready; if this bit is clear at
the time that NOSCR becomes ‘1’, the switch will occur
bit 6
SOSCPWR:
Secondary Oscillator Power Mode Select bit
If SOSCBE = 0
1
=
Secondary oscillator operating in High-Power mode
0
=
Secondary oscillator operating in Low-Power mode
If SOSCBE = 0
x
=
Bit is ignored
bit 5
SOSCBE:
Secondary Oscillator Bypass Enable bit
1
=
Secondary oscillator SOSCI is configured as an external clock input (ST-bufferer); SOSCO is not used.
0
=
Secondary oscillator is configured as a crystal oscillator using SOSCO and SOSCI pins
bit 4
ORDY:
Oscillator Ready bit (read-only)
1
=
OSCCON1 = OSCCON2; the current system clock is the clock specified by NOSC
0
=
A clock switch is in progress
bit 3
NOSCR:
New Oscillator is Ready bit (read-only)
1
=
A clock switch is in progress and the oscillator selected by NOSC indicates a “ready” condition
0
=
A clock switch is not in progress, or the NOSC-selected oscillator is not yet ready
bit 2-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com