Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 94 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 94 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 90Page - Microchip Technology PIC16F18345 Datasheet HTML 91Page - Microchip Technology PIC16F18345 Datasheet HTML 92Page - Microchip Technology PIC16F18345 Datasheet HTML 93Page - Microchip Technology PIC16F18345 Datasheet HTML 94Page - Microchip Technology PIC16F18345 Datasheet HTML 95Page - Microchip Technology PIC16F18345 Datasheet HTML 96Page - Microchip Technology PIC16F18345 Datasheet HTML 97Page - Microchip Technology PIC16F18345 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 94
Preliminary
 2015 Microchip Technology Inc.
REGISTER 7-8:
PIR1: PERIPHERAL INTERRUPT REQUEST REGISTER 1
R/W/HS-0/0
R/W/HS-0/0
R/W-0/0
R/W-0/0
R/W/HS-0/0
R/W/HS-0/0
R/W/HS-0/0 R/W/HS-0/0
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
BCL1IF
TMR2IF
TMR1IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HS = Hardware set
bit 7
TMR1GIF
: Timer1 Gate Interrupt Flag bit
1
= The Timer1 Gate has gone inactive (the gate is closed)
0
= The Timer1 Gate has not gone inactive
bit 6
ADIF:
Analog-to-Digital Converter (ADC) Interrupt Flag bit
1
= The A/D conversion completed
0
= The A/D conversion is not completed
bit 5
RCIF:
EUSART Receive Interrupt Flag bit
1
= The EUSART receive buffer is not empty
0
= The EUSART receive buffer is empty
bit 4
TXIF
: EUSART Transmit Interrupt Flag bit
1
= The EUSART receive buffer is not empty
0
= The EUSART receive buffer is empty
bit 3
SSP1IF
: Synchronous Serial Port (MSSP) Interrupt Flag bit
1
= The Transmission/Reception/Bus Condition is complete (must be cleared in software)
0
= Waiting for the Transmission/Reception/Bus Condition in progress
bit 2
BCL1IF:
MSSP Bus Collision Interrupt Flag bit
1
= A bus collision was detected (must be cleared in software)
0
= No bus collision was detected
bit 1
TMR2IF:
Timer2 to PR2 Interrupt Flag bit
1
= TMR2 to PR2 match occurred (must be cleared in software)
0
= No TMR2 to PR2 match occurred
bit 0
TMR1IF:
Timer1 Overflow Interrupt Flag bit
1
= TMR1 overflow occurred (must be cleared in software)
0
= No TMR1 overflow occurred
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the Global
Enable bit, GIE, of the INTCON register.
User
software
should
ensure
the
appropriate interrupt flag bits are clear
prior to enabling an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com