Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 68 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 64Page - Microchip Technology PIC16F18345 Datasheet HTML 65Page - Microchip Technology PIC16F18345 Datasheet HTML 66Page - Microchip Technology PIC16F18345 Datasheet HTML 67Page - Microchip Technology PIC16F18345 Datasheet HTML 68Page - Microchip Technology PIC16F18345 Datasheet HTML 69Page - Microchip Technology PIC16F18345 Datasheet HTML 70Page - Microchip Technology PIC16F18345 Datasheet HTML 71Page - Microchip Technology PIC16F18345 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 68
Preliminary
 2015 Microchip Technology Inc.
6.2.1.4
4x PLL
The oscillator module contains a PLL that can be used
with external clock sources to provide a system clock
source. The input frequency for the PLL must fall within
specifications.
See
the
PLL
Clock
Timing
Specifications in Table 34-9.
The PLL may be enabled for use by one of two
methods:
1.
Program the RSTOSC bits in the Configuration
Word 1 to enable the EXTOSC with 4x PLL.
2.
Write the NOSC bits in the OSCCON1 register
to enable the EXTOSC with 4x PLL.
6.2.1.5
Secondary Oscillator
The secondary oscillator is a separate oscillator block
that can be used as an alternate system clock source.
The secondary oscillator is optimized for 32.768 kHz,
and can be used with an external crystal oscillator con-
nected to the SOSCI and SOSCO device pins, or an
external clock source connected to the SOSCIN pin.
The secondary oscillator can be selected during
run-time using clock switching. Refer to Section 6.3
“Clock Switching”
for more information.
FIGURE 6-5:
QUARTZ CRYSTAL
OPERATION
(SECONDARY
OSCILLATOR)
C1
C2
32.768 kHz
SOSCI
To Internal
Logic
PIC® MCU
Crystal
SOSCO
Quartz
Note 1:
Quartz
crystal
characteristics
vary
according
to
type,
package
and
manufacturer. The user should consult the
manufacturer data sheets for specifications
and recommended application.
2:
Always verify oscillator performance over
the VDD and temperature range that is
expected for the application.
3:
For oscillator design assistance, reference
the following Microchip Application Notes:
• AN826, Crystal Oscillator Basics and
Crystal Selection for rfPIC® and PIC®
Devices
(DS00826)
• AN849, Basic PIC® Oscillator Design
(DS00849)
• AN943, Practical PIC® Oscillator
Analysis and Design
(DS00943)
• AN949, Making Your Oscillator Work
(DS00949)
• TB097, Interfacing a Micro Crystal
MS1V-T1K 32.768 kHz Tuning Fork
Crystal to a PIC16F690/SS
(DS91097)
• AN1288, Design Practices for
Low-Power External Oscillators
(DS01288)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com