Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 158 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 158 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 185 page
background image
Pragmas for preprocessing
AN3350
158/185
Doc ID 018512 Rev 2
Use this pragma when porting source code from a different operating system.
By default, this pragma is off.
20.4
fullpath_file
Controls if __FILE__ macro expands to a full path or the base file name.
Syntax
#pragma fullpath_file on | off | reset
Remarks
When this pragma on, the __FILE__ macro returns a full path to the file being compiled,
otherwise it returns the base file name.
20.5
fullpath_prepdump
Shows the full path of included files in preprocessor output.
Syntax
#pragma fullpath_prepdump on | off | reset
Remarks
If you enable this pragma, the compiler shows the full paths of files specified by the
#include
directive as comments in the preprocessor output. Otherwise, only the file name
portion of the path appears.
By default, this pragma is off.
20.6
keepcomments
Controls whether comments are emitted in the preprocessor output.
Syntax
#pragma keepcomments on | off | reset
Remarks
By default, this pragma is off.
20.7
line_prepdump
Shows #line directives in preprocessor output.
Syntax
#pragma line_prepdump on | off | reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More