Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 155 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 155 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 151Page - STMicroelectronics AN3350 Datasheet HTML 152Page - STMicroelectronics AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 185 page
background image
AN3350
Pragmas for diagnostic messages
Doc ID 018512 Rev 2
155/185
To prevent this warning, you can declare an argument in a few ways:
●
Use the pragma unused, as in Example 108.
Example 108 Using pragma unused() to prevent unused argument messages
void func(int temp, int error)
{
#pragma unused (temp)
/* Compiler does not warn that temp is not used. */
error=do_something();
}
●
Do not give the unused argument a name.Example 109 shows an example.
The compiler allows this feature in C++ source code. To allow this feature in C source code,
disable ANSI strict checking.
Example 109 Unused, unnamed arguments
void func(int /* temp */, int error)
{
/* Compiler does not warn that "temp" is not used. */
error=do_something();
}
By default, this pragma is off.
19.35
warn_unusedvar
Controls the recognition of unreferenced variables.
Syntax
#pragma warn_unusedvar on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when it encounters a
variable you declare but do not use.
This check helps you find variables that you either misspelled or did not use in your
program.Example 110 shows an example.
Example 110 Unused local variables example
int error;
void func(void)
{
int temp, errer; /* NOTE: errer is misspelled. */
error = do_something(); /* WARNING: temp and errer are unused. */
}
If you want to use this warning but need to declare a variable that you do not use, include
the pragma unused, as in Example 111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More