Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 33Page - STMicroelectronics AN3350 Datasheet HTML 34Page - STMicroelectronics AN3350 Datasheet HTML 35Page - STMicroelectronics AN3350 Datasheet HTML 36Page - STMicroelectronics AN3350 Datasheet HTML 37Page - STMicroelectronics AN3350 Datasheet HTML 38Page - STMicroelectronics AN3350 Datasheet HTML 39Page - STMicroelectronics AN3350 Datasheet HTML 40Page - STMicroelectronics AN3350 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 185 page
background image
AN3350
Command-line options for diagnostic messages
Doc ID 018512 Rev 2
37/185
[no]structclass
Issues warning messages on inconsistent use of class and struct. Enabled when most
is used. Equivalent to
#pragma warn_structclass
[no]padding
Issue warning messages when padding is added between struct members. Enabled
when full is used. Equivalent to
#pragma warn_padding
[no]notused
Issues warning messages when the result of non-void-returning functions are not used.
Enabled when full is used. Equivalent to
#pragma warn_resultnotused
[no]missingreturn
Issues warning messages when a return without a value in non-void-returning function
occurs. Enabled when most is used. Equivalent to
#pragma warn_missingreturn
[no]unusedexpr
Issues warning messages when encountering the use of expressions as statements without
side effects. Equivalent to
#pragma warn_no_side_effect
[no]ptrintconv
Issues warning messages when lossy conversions occur from pointers to integers. Enabled
when full is used.
[no]anyptrintconv
Issues warning messages on any conversion of pointers to integers. Enabled when full is
used. Equivalent to
#pragma warn_ptr_int_conv
[no]undef[macro]
Issues warning messages on the use of undefined macros in #if and #elif conditionals.
Enabled when full is used. Equivalent to
#pragma warn_undefmacro
[no]filecaps
Issues warning messages when #include "" directives use incorrect capitalization.
Enabled when most is used. Equivalent to
#pragma warn_filenamecaps
[no]sysfilecaps
Issue warning messages when #include <> statements use incorrect capitalization.
Enabled when most is used. Equivalent to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More