Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 162 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 162 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics AN3350 Datasheet HTML 163Page - STMicroelectronics AN3350 Datasheet HTML 164Page - STMicroelectronics AN3350 Datasheet HTML 165Page - STMicroelectronics AN3350 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 185 page
background image
Pragmas for preprocessing
AN3350
162/185
Doc ID 018512 Rev 2
Remarks
If you do not specify the file name, the compiler gives the precompiled header file the same
name as its source file.
Example 113 shows sample source code from a precompiled header source file. By using
the predefined symbols __cplusplus and the pragma precompile_target, the
compiler can use the same source code to create different precompiled header files for C
and C++.
Example 113 Using #pragma precompile_target
#ifdef __cplusplus
#pragma precompile_target "MyCPPHeaders"
#else
#pragma precompile_target "MyCHeaders"
#endif
This pragma does not correspond to any panel setting.
20.17
simple_prepdump
Controls the suppression of comments in preprocessing output.
Syntax
#pragma simple_prepdump on | off | reset
Remarks
By default, the compiler adds comments about the current include file being in
preprocessing output. Enabling this pragma disables these comments.
By default, this pragma is off.
20.18
space_prepdump
Controls whether or not the compiler removes or preserves whitespace in the
preprocessor’s output.
Syntax
#pragma space_prepdump on | off | reset
Remarks
This pragma is useful for keeping the starting column aligned with the original source code,
though the compiler attempts to preserve space within the line. This pragma does not apply
to expanded macros.
By default, this pragma is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More