Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 157 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 157 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 185 page
background image
AN3350
Pragmas for preprocessing
Doc ID 018512 Rev 2
157/185
20
Pragmas for preprocessing
20.1
check_header_flags
Controls whether or not to ensure that a precompiled header’s data matches a project’s
target settings.
Syntax
#pragma check_header_flags on | off | reset
Remarks
This pragma affects precompiled headers only.
If you enable this pragma, the compiler verifies that the precompiled header’s preferences
for double size, int size, and floating point math correspond to the build target’s settings.
If they do not match, the compiler generates an error message.
If your precompiled header file depends on these settings, enable this pragma. Otherwise,
disable it.
By default, this pragma is off.
20.2
faster_pch_gen
Controls the performance of precompiled header generation.
Syntax
#pragma faster_pch_gen on | off | reset
Remarks
If you enable this pragma, generating a precompiled header can be much faster, depending
on the header structure. However, the precompiled file can also be slightly larger.
This pragma does not correspond to any panel setting. By default, this setting is off.
20.3
flat_include
Controls whether or not to ignore relative path names in #include directives.
Syntax
#pragma flat_include on | off | reset
Remarks
For example, when on, the compiler converts this directive
#include <sys/stat.h>
to
#include <stat.h>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More