Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 43Page - STMicroelectronics AN3350 Datasheet HTML 44Page - STMicroelectronics AN3350 Datasheet HTML 45Page - STMicroelectronics AN3350 Datasheet HTML 46Page - STMicroelectronics AN3350 Datasheet HTML 47Page - STMicroelectronics AN3350 Datasheet HTML 48Page - STMicroelectronics AN3350 Datasheet HTML 49Page - STMicroelectronics AN3350 Datasheet HTML 50Page - STMicroelectronics AN3350 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 185 page
background image
AN3350
Command-line options for object code
Doc ID 018512 Rev 2
47/185
7
Command-line options for object code
7.1
-c
Instructs the compiler to compile but not invoke the linker to link the object code.
Syntax
-c
Remarks
This option is global.
7.2
-codegen
Instructs the compiler to compile without generating object code.
Syntax
-codegen
-nocodegen
Remarks
This option is global.
7.3
-enum
Specifies the default size for enumeration types.
Syntax
-enum keyword
The arguments for keyword are:
int
Uses int size for enumerated types.
min
Uses minimum size for enumerated types. This is the default.
7.4
-min_enum_size
Specifies the size, in bytes, of enumerated types.
Syntax
-min_enum_size 1 | 2 | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More