Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 45Page - STMicroelectronics AN3350 Datasheet HTML 46Page - STMicroelectronics AN3350 Datasheet HTML 47Page - STMicroelectronics AN3350 Datasheet HTML 48Page - STMicroelectronics AN3350 Datasheet HTML 49Page - STMicroelectronics AN3350 Datasheet HTML 50Page - STMicroelectronics AN3350 Datasheet HTML 51Page - STMicroelectronics AN3350 Datasheet HTML 52Page - STMicroelectronics AN3350 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 185 page
background image
AN3350
Command-line options for optimization
Doc ID 018512 Rev 2
49/185
8
Command-line options for optimization
8.1
-inline
Specifies inline options. Default settings are smart, noauto.
Syntax
-inline keyword
The options for keyword are:
off | none
Turns off inlining.
on | smart
Turns on inlining for functions declared with the inline qualifier. This is the default.
auto
Attempts to inline small functions even if they are declared with inline.
noauto
Does not auto-inline. This is the default auto-inline setting.
deferred
Refrains from inlining until a file has been translated. This allows inlining of functions in both
directions.
level=n
Inlines functions up to n levels deep. Level 0 is the same as -inline on. For n, enter 1 to
8 levels. This argument is case-sensitive.
all
Turns on aggressive inlining. This option is the same as -inline on, -inline auto.
8.2
-O
Sets optimization settings to -opt level=2.
Syntax
-O
Remarks
Provided for backwards compatibility.
8.3
-O+
Controls optimization settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More