Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 154 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 154 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 150Page - STMicroelectronics AN3350 Datasheet HTML 151Page - STMicroelectronics AN3350 Datasheet HTML 152Page - STMicroelectronics AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 185 page
background image
Pragmas for diagnostic messages
AN3350
154/185
Doc ID 018512 Rev 2
Syntax
#pragma warn_undefmacro on | off | reset
Remarks
Example 106 provides an example.
Example 106 Example of undefined macro
#if BADMACRO == 4 /* WARNING: undefined macro. */
Use this pragma to detect the use of undefined macros (especially expressions) where the
default value 0 is used. To suppress this warning message, check if defined first.
Note:
A warning message is only issued when a macro is evaluated. A short-circuited “&&” or “||”
test or unevaluated “?:” will not produce a warning message.
By default, this pragma is off.
19.33
warn_uninitializedvar
Controls the compiler to perform some dataflow analysis and emits warning messages
whenever local variables are initialized before being used.
Syntax
#pragma warn_uninitializedvar on | off | reset
Remarks
By default, this pragma is on.
19.34
warn_unusedarg
Controls the recognition of unreferenced arguments.
Syntax
#pragma warn_unusedarg on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message when it encounters an
argument you declare but do not use.
This check helps you find arguments that you either misspelled or did not use in your
program.Example 107 shows an example.
Example 107 Warning about unused function arguments
void func(int temp, int error);
{
error = do_something(); /* WARNING: temp is unused. */
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More