Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 44Page - STMicroelectronics AN3350 Datasheet HTML 45Page - STMicroelectronics AN3350 Datasheet HTML 46Page - STMicroelectronics AN3350 Datasheet HTML 47Page - STMicroelectronics AN3350 Datasheet HTML 48Page - STMicroelectronics AN3350 Datasheet HTML 49Page - STMicroelectronics AN3350 Datasheet HTML 50Page - STMicroelectronics AN3350 Datasheet HTML 51Page - STMicroelectronics AN3350 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 185 page
background image
Command-line options for object code
AN3350
48/185
Doc ID 018512 Rev 2
Remarks
Specifying this option also invokes the -enum min option by default.
7.5
-ext
Specifies which file name extension to apply to object files.
Syntax
-ext extension
extension
The extension to apply to object files. Use these rules to specify the extension:
●
Limited to a maximum length of 14 characters
●
Extensions specified without a leading period replace the source file’s extension. For
example, if extension is “o” (without quotes), then source.cpp becomes source.o.
●
Extensions specified with a leading period (.extension) are appended to the object files
name. For example, if extension is “.o” (without quotes), then source.cpp
becomes source.cpp.o.
Remarks
This command is global. The default setting is .o.
7.6
-strings
Controls how string literals are stored and used.
Remarks
-str[ings] keyword[, ...]
The keyword arguments are:
[no]pool
All string constants are stored as a single data object so your program needs one data
section for all of them.
[no]reuse
All equivalent string constants are stored as a single data object so your program can reuse
them. This is the default.
[no]readonly
Make all string constants read-only. This is the default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More