Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 24Page - STMicroelectronics AN3350 Datasheet HTML 25Page - STMicroelectronics AN3350 Datasheet HTML 26Page - STMicroelectronics AN3350 Datasheet HTML 27Page - STMicroelectronics AN3350 Datasheet HTML 28Page - STMicroelectronics AN3350 Datasheet HTML 29Page - STMicroelectronics AN3350 Datasheet HTML 30Page - STMicroelectronics AN3350 Datasheet HTML 31Page - STMicroelectronics AN3350 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 185 page
background image
Command-line options for language translation
AN3350
28/185
Doc ID 018512 Rev 2
4.9
-mapcr
Swaps the values of the \n and \r escape characters.
Syntax
-mapcr
-nomapcr
Remarks
The -mapcr option tells the compiler to treat the '\n' character as ASCII 13 and the '\r'
character as ASCII 10. The -nomapcr option tells the compiler to treat these characters as
ASCII 10 and 13, respectively.
4.10
-MM
Scans source files for dependencies and emit a Makefile, without generating object code or
listing system #include files.
Syntax
-MM
Remarks
This command is global and case-sensitive.
4.11
-MD
Scans source files for dependencies and emit a Makefile, generate object code, and write a
dependency map.
Syntax
-MD
Remarks
This command is global and case-sensitive.
4.12
-MMD
Scans source files for dependencies and emit a Makefile, generate object code, write a
dependency map, without listing system #include files.
Syntax
-MMD
Remarks
This command is global and case-sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More