Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 14Page - STMicroelectronics AN3350 Datasheet HTML 15Page - STMicroelectronics AN3350 Datasheet HTML 16Page - STMicroelectronics AN3350 Datasheet HTML 17Page - STMicroelectronics AN3350 Datasheet HTML 18Page - STMicroelectronics AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics AN3350 Datasheet HTML 21Page - STMicroelectronics AN3350 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 185 page
background image
Overview
AN3350
18/185
Doc ID 018512 Rev 2
●
Read settings: retrieves your settings from the IDE or the command line to determine
how to perform subsequent steps
●
Read linker command file: retrieves commands to determine how to arrange object
code in the final image
●
Read object code: retrieves data and executable objects that are the result of
compilation or assembly
●
Delete unused objects (“deadstripping”): deletes objects that are not referred to by the
rest of the program
●
Resolve references among objects: arranges objects to compose the image then
computes the addresses of the objects
●
Output link map and image files: writes files on the host system, ready to load onto the
target system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More