Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 15Page - STMicroelectronics AN3350 Datasheet HTML 16Page - STMicroelectronics AN3350 Datasheet HTML 17Page - STMicroelectronics AN3350 Datasheet HTML 18Page - STMicroelectronics AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics AN3350 Datasheet HTML 21Page - STMicroelectronics AN3350 Datasheet HTML 22Page - STMicroelectronics AN3350 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 185 page
background image
AN3350
Using build tools
Doc ID 018512 Rev 2
19/185
2
Using build tools
The eTPU build tools may be invoked from the command-line. These command-line tools
operate almost identically to their counterparts in an Integrated Development Environment
(IDE). Command-line compilers and assemblers translate source code files into object code
files. Command-line linkers then combine one or more object code files to produce an
executable image file, ready to load and execute on the target platform. Each command-line
tool has options that you configure when you invoke the tool.
●
Configuring command-line tools
●
Invoking command-line tools
●
Getting help
●
File name extensions
2.1
Configuring command-line tools
●
Setting environment variables
●
Setting the PATH environment variable
2.1.1
Setting environment variables
Use environment variables on the host system to specify to the command line tools where to
find files for compiling and linking. Table 1 describes these environment variables.
A system header file is a header file that is enclosed with the “<“ and “>” characters in
include directives. For example
#include <stdlib.h> /* stdlib.h system header. */
Typically, you define the MWCIncludes and MWLibraries environment variables to refer
to the header files and libraries in the subdirectories of your software.
To specify more than one directory for the MWCIncludes and MWLibraries variables, use
the conventional separator for your host operating system command-line shell.
Example 1 Setting environment variables in Microsoft® Windows® operating systems
rem Use ; to separate directory paths
set CWFolder=C:\Program Files\STMicroelectronics\eTPU Build Tools
v1.2
set MWCIncludes="%CWFolder%\include"
set set MWLibraries="%CWFolder%\lib"
Table 1.
Environment variables for command-line tools
This environment variable...
specifies this information
MWCIncludes
Directories on the host system for system header
files for the compiler.
MWLibraries
Directories on the host system for system libraries
for the linker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More