Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 12Page - STMicroelectronics AN3350 Datasheet HTML 13Page - STMicroelectronics AN3350 Datasheet HTML 14Page - STMicroelectronics AN3350 Datasheet HTML 15Page - STMicroelectronics AN3350 Datasheet HTML 16Page - STMicroelectronics AN3350 Datasheet HTML 17Page - STMicroelectronics AN3350 Datasheet HTML 18Page - STMicroelectronics AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 185 page
background image
Overview
AN3350
16/185
Doc ID 018512 Rev 2
1
Overview
This chapter explains the processes that eTPU build tools use to create software:
●
Compiler architecture
●
Linker architecture
1.1
Compiler architecture
From a programmer’s point of view, the compiler translates source code into object code.
Internally, however, the compiler organizes its work between its front-end and back-end,
each end taking several steps. Figure 1 shows the steps the compiler takes.
Figure 1.
Compiler steps
Front-end steps:
●
Read settings: retrieves your settings from the host’s integrated development
environment (IDE) or the command line to configure how to perform subsequent steps
●
Read and preprocess source code: reads your program’s source code files and applies
preprocessor directives
●
Translate to intermediate representation: translates your program’s preprocessed
source code into a platform-independent intermediate representation
●
Optimize intermediate representation: rearranges the intermediate representation to
reduce your program’s size, improve its performance, or both



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More