Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 67Page - STMicroelectronics AN3350 Datasheet HTML 68Page - STMicroelectronics AN3350 Datasheet HTML 69Page - STMicroelectronics AN3350 Datasheet HTML 70Page - STMicroelectronics AN3350 Datasheet HTML 71Page - STMicroelectronics AN3350 Datasheet HTML 72Page - STMicroelectronics AN3350 Datasheet HTML 73Page - STMicroelectronics AN3350 Datasheet HTML 74Page - STMicroelectronics AN3350 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 185 page
background image
AN3350
Working with the assembler
Doc ID 018512 Rev 2
71/185
#else
// this code is processed if both conditions are false
#endif
Note:
The #else and #elif clauses are optional. You can use several #elif clauses in
succession. You can also nest #if conditions.
Another illustration of conditional assembly is Example 11.
Example 11 Conditional assembly
#if %defined(INTERRUPTS_LEVEL)
nop
#if INTERRUPTS_LEVEL < 3
or.f a,d,a
#endif
#else
ori.f a,d,TRNR
#endif
#if
The #if directive, defined as #if expr, results in the processing of code only if the
numeric expression expr is evaluated to an integer other than zero. All expression elements
must be known at the preprocessing point when expressions are met, or error messages
occur.
The condition of the #if clause is preprocessed before evaluation. Therefore it is possible
to use preprocessor macros and operators as parts of the expression.
#ifdef
The #ifdef directive, defined as #ifdef macro, results in the processing of code only if
the macro has been defined by the #define directive.
#ifndef
The #ifndef directive, defined as #ifndef macro, results in the processing of code only
if the macro has not been defined by the #define directive.
#elif
The #elif directive, similar to #if, must follow an #if or #elif directive. This offers
another expression to test in case the previous conditions failed.
#else
The #else directive results in the processing of following code lines, in the instance that all
conditions defined by the else's corresponding #if and #elif have failed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More