Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 92 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 92 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 88Page - STMicroelectronics AN3350 Datasheet HTML 89Page - STMicroelectronics AN3350 Datasheet HTML 90Page - STMicroelectronics AN3350 Datasheet HTML 91Page - STMicroelectronics AN3350 Datasheet HTML 92Page - STMicroelectronics AN3350 Datasheet HTML 93Page - STMicroelectronics AN3350 Datasheet HTML 94Page - STMicroelectronics AN3350 Datasheet HTML 95Page - STMicroelectronics AN3350 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 185 page
background image
C compiler
AN3350
92/185
Doc ID 018512 Rev 2
12.2
C99 extensions
The eTPU build tools C compiler accepts the enhancements to the C language specified by
the ISO/IEC 9899-1999 standard, commonly referred to as “C99.”
●
Controlling C99 extensions
●
Trailing commas in enumerations
●
Compound literal values
●
Designated initializers
●
Predefined Symbol __func__
●
Implicit return from main()
●
Non-constant static data initialization
●
Variable argument macros
●
Extra C99 keywords
●
C++-style comments
●
C++-style digraphs
●
Empty arrays in structures
●
Hexadecimal floating-point constants
●
Variable-length arrays
●
Unsuffixed decimal literal values
●
C99 complex data types
12.2.1
Controlling C99 extensions
Table 13 shows how to control C99 extensions.
12.2.2
Trailing commas in enumerations
When the C99 extensions setting is on, the compiler allows a comma after the final item in a
list of enumerations. Example 27 shows an example.
Example 27 Trailing comma in enumeration example
enum
{
violet,
blue
green,
yellow,
orange,
red, /* OK: accepted if C99 extensions setting is on. */
};
Table 13.
Controlling C99 extensions to the C language
To control this option from here...
use this setting
Source code
#pragma c99
Command line
-c99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More