Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 75 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 75 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 71Page - STMicroelectronics AN3350 Datasheet HTML 72Page - STMicroelectronics AN3350 Datasheet HTML 73Page - STMicroelectronics AN3350 Datasheet HTML 74Page - STMicroelectronics AN3350 Datasheet HTML 75Page - STMicroelectronics AN3350 Datasheet HTML 76Page - STMicroelectronics AN3350 Datasheet HTML 77Page - STMicroelectronics AN3350 Datasheet HTML 78Page - STMicroelectronics AN3350 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 185 page
background image
AN3350
Working with the assembler
Doc ID 018512 Rev 2
75/185
%*()
Turns all tokens of its single argument non-frozen.
%**()
Same as %*, but expands its argument first
These operators can be used to create sophisticated macros, as demonstrated in the
Dwarf2 header that comes with the standard distribution. However, as they tend to make the
code harder to follow, use should be considered with care.
10.6.4
Predefined macros
The assembler defines a set of macros available for use.
__VERSION_NUM__
This macro expands to six digits hexadecimal integer 0xJJNNCC where JJ, NN and CC are,
respectively, the major, minor, and micro version numbers.
__VERSION__
This macro expands to a string containing the current version number.
__FILE__
This macro expands to a string and features the original file name (as it appears in the
command line or the including '#include' directive) within which it appears.
__ABS_FILE__
This macro expands to a string and features the absolute path to the file name (as it appears
in the command line or the including '#include' directive) within which it appears.
__LINE__
This macro expands to the current number of source lines.
__DATE__
This macro expands to a string containing the current date.
__TIME__
This macro expands to a string containing the current time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More