Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 36Page - STMicroelectronics AN3350 Datasheet HTML 37Page - STMicroelectronics AN3350 Datasheet HTML 38Page - STMicroelectronics AN3350 Datasheet HTML 39Page - STMicroelectronics AN3350 Datasheet HTML 40Page - STMicroelectronics AN3350 Datasheet HTML 41Page - STMicroelectronics AN3350 Datasheet HTML 42Page - STMicroelectronics AN3350 Datasheet HTML 43Page - STMicroelectronics AN3350 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 185 page
background image
Command-line options for preprocessing
AN3350
40/185
Doc ID 018512 Rev 2
6
Command-line options for preprocessing
6.1
-convertpaths
Instructs the compiler to interpret #include file paths specified for a foreign operating
system. This command is global.
Syntax
-[no]convertpaths
Remarks
The compiler can interpret file paths from several different operating systems. Each
operating system uses unique characters as path separators. These separators include:
●
Mac OS® – colon “:” (:sys:stat.h)
●
UNIX – forward slash “/” (sys/stat.h)
●
Windows® operating systems – backward slash “\” (sys\stat.h)
When convertpaths is enabled, the compiler can correctly interpret and use paths like
<sys/stat.h>
or <:sys:stat.h>. However, when enabled, (/) and (:) separate
directories and cannot be used in filenames.
Note:
This is not a problem on Windows systems since these characters are already disallowed in
file names. It is safe to leave this option on.
When noconvertpaths is enabled, the compiler can only interpret paths that use the
Windows form, like <\sys\stat.h>.
6.2
-cwd
Controls where a search begins for #include files.
Syntax
-cwd keyword
The options for keyword are:
explicit
No implicit directory. Search -I or -ir paths.
include
Begins searching in directory of referencing file.
proj
Begins searching in current working directory (default).
source
Begins searching in directory that contains the source file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More