| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 84 Page - STMicroelectronics |
|
84 / 185 page ![]() Working with the ELF linker AN3350 84/185 Doc ID 018512 Rev 2 __end = .; } > DATA 11.4.2 ALIGN Advance the location counter so that it will be aligned on a boundary specified by the value of alignValue. Prototype ALIGN(alignValue) Parameter alignValue The number of address lower bits that should be cleared, for example - ALIGN(3) will align to the nearest aligned 8 byte address. 11.4.3 FORCE_ACTIVE Allows you to specify symbols that you do not want the linker to dead strip. When using C++, you must specify symbols using their mangled names. Prototype FORCE_ACTIVE{ symbol[, symbol] } 11.4.4 KEEP_SECTION Allows you to specify sections that you do not want the linker to dead strip. Prototype KEEP_SECTION{ sectionType[, sectionType] } 11.4.5 FORCE_FILE Allows you to specify files that you do not want the linker to dead strip. Prototype FORCE_FILE{file[, file]} 11.4.6 MEMORY Allows you to describe the location and size of memory segment blocks on the target system. You use this directive to tell the linker the memory areas to avoid, and the memory areas into which it should link your code and data. Note: The linker command file must contain only one MEMORY directive. Within the confines of the MEMORY directive, however, you can define as many memory segments as you wish. Prototype MEMORY {memory_spec} |