Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 32Page - STMicroelectronics AN3350 Datasheet HTML 33Page - STMicroelectronics AN3350 Datasheet HTML 34Page - STMicroelectronics AN3350 Datasheet HTML 35Page - STMicroelectronics AN3350 Datasheet HTML 36Page - STMicroelectronics AN3350 Datasheet HTML 37Page - STMicroelectronics AN3350 Datasheet HTML 38Page - STMicroelectronics AN3350 Datasheet HTML 39Page - STMicroelectronics AN3350 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 185 page
background image
Command-line options for diagnostic messages
AN3350
36/185
Doc ID 018512 Rev 2
Same as
-w [no]unusedarg,[no]unusedvar
Enabled when most is used.
[no]extracomma | [no]comma
Issues warning messages on extra commas in enumerations. The compiler ignores
terminating commas in enumerations when compiling source code that conforms to the
ISO/IEC 9899-1999 (“C99”) standard. Enabled when most is used. Equivalent to
#pragma warn_extracomma
[no]extended_errorcheck
Extended error checking. Enabled when most is used. Equivalent to
#pragma extended_errorcheck
[no]hidevirtual | [no]hidden[virtual]
Issues warning messages on hidden virtual functions. Enabled when most is used.
Equivalent to
#pragma warn_hidevirtual
[no]implicit[conv]
Issues warning messages on implicit arithmetic conversions. Enabled when all is used.
Implies
-warn impl_float2int,impl_signedunsigned
[no]impl_int2float
Issues warning messages on implicit integral to floating conversions. Enabled when all is
used. Equivalent to
#pragma warn_impl_i2f_conv
[no]impl_float2int
Issues warning messages on implicit floating to integral conversions. Enabled when all is
used. Equivalent to
#pragma warn_impl_f2i_conv
[no]impl_signedunsigned
Issues warning messages on implicit signed/unsigned conversions. Enabled when all is
used.
[no]notinlined
Issues warning messages for functions declared with the inline qualifier that are not
inlined. Enabled when full is used. Equivalent to
#pragma warn_notinlined
[no]largeargs
Issues warning messages when passing large arguments to unprototyped functions.
Enabled when most is used. Equivalent to
#pragma warn_largeargs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More