Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 46Page - STMicroelectronics AN3350 Datasheet HTML 47Page - STMicroelectronics AN3350 Datasheet HTML 48Page - STMicroelectronics AN3350 Datasheet HTML 49Page - STMicroelectronics AN3350 Datasheet HTML 50Page - STMicroelectronics AN3350 Datasheet HTML 51Page - STMicroelectronics AN3350 Datasheet HTML 52Page - STMicroelectronics AN3350 Datasheet HTML 53Page - STMicroelectronics AN3350 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 185 page
background image
Command-line options for optimization
AN3350
50/185
Doc ID 018512 Rev 2
Syntax
-O+keyword [,...]
The keyword arguments are:
0
Equivalent to -opt off.
1
Equivalent to -opt level=1.
2
Equivalent to -opt level=2.
3
Equivalent to -opt level=3.
4
Equivalent to -opt level=4,intrinsics.
p
Equivalent to -opt speed.
s
Equivalent to -opt space.
Remarks
Options can be combined into a single command. Command is case-sensitive.
8.4
-opt
Specifies code optimization options to apply to object code.
Remarks
-optkeyword [,...]
The keyword arguments are:
off | none
Suppresses all optimizations. This is the default.
on
Same as -opt level=2
all | full
Same as -opt speed,level=4,intrinsics,noframe
l[evel]=num



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More