| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 185 page ![]() AN3350 Command-line options for preprocessing Doc ID 018512 Rev 2 41/185 Remarks The path represented by keyword is searched before searching access paths defined for the build target. 6.3 -D+ Same as the -define option. Syntax -D+name The parameters are: name The symbol name to define. Symbol is set to 1. 6.4 -define Defines a preprocessor symbol. Syntax -d[efine] name[=value] The parameters are: name The symbol name to define. value The value to assign to symbol name. If no value is specified, set symbol value equal to 1. 6.5 -E Tells the command-line tool to preprocess source files. Syntax -E Remarks This option is global and case sensitive. 6.6 -EP Tells the command-line tool to preprocess source files that are stripped of #line directives. |