Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 92Page - STMicroelectronics AN3350 Datasheet HTML 93Page - STMicroelectronics AN3350 Datasheet HTML 94Page - STMicroelectronics AN3350 Datasheet HTML 95Page - STMicroelectronics AN3350 Datasheet HTML 96Page - STMicroelectronics AN3350 Datasheet HTML 97Page - STMicroelectronics AN3350 Datasheet HTML 98Page - STMicroelectronics AN3350 Datasheet HTML 99Page - STMicroelectronics AN3350 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 185 page
background image
C compiler
AN3350
96/185
Doc ID 018512 Rev 2
0x1.8p0L
The standard library supports printing values of type float in this format using the “%a” and
“%A” specifiers.
12.2.14
Variable-length arrays
Variable length arrays are supported within local or function prototype scope, as required by
the ISO/IEC 9899-1999 (“C99”) standard. Example 33 shows an example.
Example 33 Example of C99 variable length array usage
#pragma c99 on
void f(int n) {
int arr[n];
/* ... */
}
While the example shown in Example 34 generates an error message.
Example 34 Bad example of C99 variable length array usage
#pragma c99 on
int n;
int arr[n];
// ERROR: variable length array
// types can only be used in local or
// function prototype scope.
A variable length array cannot be used in a function template’s prototype scope or in a local
template typedef, as shown in Example 35.
Example 35 Bad example of C99 usage in function prototype
#pragma c99 on
template<typename T> int f(int n, int A[n][n]);
{
};
// ERROR: variable length arrays
// cannot be used in function template prototypes
// or local template variables
12.2.15
Unsuffixed decimal literal values
Example 36 shows an example of specifying decimal literal values without a suffix to specify
the literal’s type.
Example 36 Examples of C99 unsuffixed constants
#pragma c99 on
// Note: ULONG_MAX == 4294967295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More