Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 56 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 56 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 52Page - STMicroelectronics AN3350 Datasheet HTML 53Page - STMicroelectronics AN3350 Datasheet HTML 54Page - STMicroelectronics AN3350 Datasheet HTML 55Page - STMicroelectronics AN3350 Datasheet HTML 56Page - STMicroelectronics AN3350 Datasheet HTML 57Page - STMicroelectronics AN3350 Datasheet HTML 58Page - STMicroelectronics AN3350 Datasheet HTML 59Page - STMicroelectronics AN3350 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 185 page
background image
Working with the assembler
AN3350
56/185
Doc ID 018512 Rev 2
10.2.4
Command-line switches
All command line switches begin with the dash (-) character. If a switch requires an input
value, you can enter it as a space-delimited argument immediately following the switch.
Alternatively, you can attach the value to the switch name with the equals (=) character. For
example, both of these are valid:
-o outfile
-o=outfile
When the value is optional the argument must use the '=' notation (i.e. -switch=val and
not -switch val). Each switch name determines whether the following command-line
word will serve as its argument, will be the next switch, or is an input file. For example, the
following command line causes the assembler to assemble file.s into an S-record file
named new_name.srec:
etpu_bins --asm -o new_name.srec -srx file.s
The assembler processes its arguments from left to right. For example, the following
command line defines the symbol one, reads the input file pre_inc.s, defines the
preprocessor macro TWO, then assembles main.s:
etpu_bins --asm -d one -i pre_inc.s -D TWO main.s
Note:
In the example above, the file pre_inc.s cannot use the preprocessor macro TWO, since
the macro is only defined after the assembler processes pre_inc.s.
Table 4 describes each of the command-line switches the assembler supports.
Table 4.
Assembler command-line switches
Options
Switch
Description
General options
-h
Print a short help message and quit
-V
Print the version of the etpu_bins tool and quit
-f filepath
Read more command-line arguments from filepath
-ex ext
Treat input as having extension ext
-arch arch
Print a list of the supported architectures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More