Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 13Page - STMicroelectronics AN3350 Datasheet HTML 14Page - STMicroelectronics AN3350 Datasheet HTML 15Page - STMicroelectronics AN3350 Datasheet HTML 16Page - STMicroelectronics AN3350 Datasheet HTML 17Page - STMicroelectronics AN3350 Datasheet HTML 18Page - STMicroelectronics AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics AN3350 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 185 page
background image
AN3350
Overview
Doc ID 018512 Rev 2
17/185
Back-end steps:
●
Translate to processor object code: converts the optimized intermediate representation
into native object code, containing data and instructions, for the target processor
●
Optimize object code: rearranges the native object code to reduce its size, improve
performance, or both
●
Output object code and diagnostic data: writes output files on the host system, ready
for the linker and diagnostic tools such as a debugger or profiler
1.2
Linker architecture
A linker combines and arranges data and instructions from one or more object code files
into a single file, or image. This image is ready to execute on the target platform. The linker
uses settings from the host’s integrated development environment (IDE) or command line to
determine how to generate the image file.
The linker also optionally reads a linker command file. A linker command file allows you to
specify precise details of how data and instructions should be arranged in the image file.
Figure 2 shows the steps the linker takes to build an executable image.
Figure 2.
Linker steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More