Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 83Page - STMicroelectronics AN3350 Datasheet HTML 84Page - STMicroelectronics AN3350 Datasheet HTML 85Page - STMicroelectronics AN3350 Datasheet HTML 86Page - STMicroelectronics AN3350 Datasheet HTML 87Page - STMicroelectronics AN3350 Datasheet HTML 88Page - STMicroelectronics AN3350 Datasheet HTML 89Page - STMicroelectronics AN3350 Datasheet HTML 90Page - STMicroelectronics AN3350 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 185 page
background image
AN3350
Working with the ELF linker
Doc ID 018512 Rev 2
87/185
The name of the memory segment into which you want to put the contents of this section.
This option has two variants:
●
> segmentName
— places the section contents at the beginning of the memory
segment segmentName
●
>> segmentName — appends the section contents to the memory segment
segmentName
Example 21 shows an example section definition.
Example 21 Example section definition
SECTIONS
{
.text :
{
_textSegmentStart = .;
foobar.o (.text)
. = ALIGN (0x10);
barfoo.o (.text)
_textSegmentEnd = .;
}
.data : { *(.data) }
.bss
:
{
*(.bss)
*(COMMON)
}
}
11.4.9
WRITEB
Inserts a byte of data at the current address of a section.
Prototype
WRITEB (expression);
Parameters
expression
A value in the range 0x00 through 0xFF.
11.4.10
WRITEH
Inserts a half word of data at the current address of a section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More