Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 53Page - STMicroelectronics AN3350 Datasheet HTML 54Page - STMicroelectronics AN3350 Datasheet HTML 55Page - STMicroelectronics AN3350 Datasheet HTML 56Page - STMicroelectronics AN3350 Datasheet HTML 57Page - STMicroelectronics AN3350 Datasheet HTML 58Page - STMicroelectronics AN3350 Datasheet HTML 59Page - STMicroelectronics AN3350 Datasheet HTML 60Page - STMicroelectronics AN3350 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 185 page
background image
AN3350
Working with the assembler
Doc ID 018512 Rev 2
57/185
Output options
-o filename
Set the output file name to filename
-srx
Create output file in S-Record format with filename extension
.srx
-elf
Create output file in relocatable ELF format with filename
extension .elf
-map -src [=val]
Create a text file with filename extension .map where each
line shows the address and data generated from the original
source
The optional argument, val, is a consecutive string of one or
more of these characters:
– m — expand multi-line macros
– a — show addresses
– s — show memory address space
– j — show include nest levels
– n — show source line numbers
– r — show relative address offsets
– g — show debug sections
– w — track source file changes
To specify an explicit map file name use ':<file name>' as last
sub-option (for example -map=w:out_map will name the map
file 'out_map'.
-sym
Create a text file with the .sym filename extension, listing all
global symbols defined in the source code
Debugging options
-kl
Where relevant, keep track of local labels defined in source
code
-g
Effective only when -elf is used
generate Dwarf2 debugging sections
Table 4.
Assembler command-line switches (continued)
Options
Switch
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More