Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 70 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 70 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 66Page - STMicroelectronics AN3350 Datasheet HTML 67Page - STMicroelectronics AN3350 Datasheet HTML 68Page - STMicroelectronics AN3350 Datasheet HTML 69Page - STMicroelectronics AN3350 Datasheet HTML 70Page - STMicroelectronics AN3350 Datasheet HTML 71Page - STMicroelectronics AN3350 Datasheet HTML 72Page - STMicroelectronics AN3350 Datasheet HTML 73Page - STMicroelectronics AN3350 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 185 page
background image
Working with the assembler
AN3350
70/185
Doc ID 018512 Rev 2
The #assign directive
#assign <name> <numeric expression>
first deletes the macro and then redefines it as if defined using
#xdefine <name> %eval(<numeric expression>)
An example of this is shown in Example 9 .
Example 9 Using the #assign directive
#define XXX 1
#assign XXX 2
#assign XXX XXX + 1
#assign XXX YYY ; invalid
The first three lines above will assign macro XXX the values 1, 2, and 3 respectively. The
last line is invalid since the defining expression is not a numeric constant.
10.6.1
Conditional assembly
The assembler can assemble code portions in order to fulfill conditions set by the user
conditions defined with clausal directives similar to the if statement of the C program, as
shown in Example 10.
Example 10 Assembler directives
#if {condition1}
// this code is processed only if condition1 is true
#elif {condition2}
// this code is processed if condition1 is false and
// condition2 is true
#macro
Begins the definition of a multi-line macro. As macro names can
override special identifiers, you can create macros that replace
ordinary instructions. Single- and multi-lined macros share the
same name space; so only one macro type can exist for an
identifier.
#rmdef
Deletes all user macro definitions. Effect the same as using the
#undef
directive on all existing user macros.
#undef
Use this directive to reverse the effect of a #define, #xdefine, or
#macro
directive, cancelling any definitions made for an identifier.
For example, #undef XYZ causes the assembler not to expand
further references to the term XYZ.
#xdefine
Similar to the #define directive, except that the assembler does
not postpone definition expansion until the macro is invoked.
Instead, the assembler expands the definition at compile time.
Table 8.
Macro-related directives (continued)
Directive
Explanation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More