Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 88 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 88 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 84Page - STMicroelectronics AN3350 Datasheet HTML 85Page - STMicroelectronics AN3350 Datasheet HTML 86Page - STMicroelectronics AN3350 Datasheet HTML 87Page - STMicroelectronics AN3350 Datasheet HTML 88Page - STMicroelectronics AN3350 Datasheet HTML 89Page - STMicroelectronics AN3350 Datasheet HTML 90Page - STMicroelectronics AN3350 Datasheet HTML 91Page - STMicroelectronics AN3350 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 185 page
background image
Working with the ELF linker
AN3350
88/185
Doc ID 018512 Rev 2
Prototype
WRITEH (expression);
Parameters
expression
A value in the range 0x0000 through 0xFFFF.
11.4.11
WRITES
Inserts a string at the current address of a section.
Prototype
WRITES ("string")
Parameters
string
A quoted string.
Example 22 shows an example.
Example 22 Example WRITES command
.comment_section :
{
WRITES("This is a .comment section")
} > .comment
11.4.12
WRITEW
Inserts a word of data at the current address of a section.
Prototype
WRITEW (expression);
Parameters
expression
A value in the range 0x00000000 through 0xFFFFFFFF.
11.5
Code and data sections
Because the eTPU has two memory spaces, it is not enough to specify an address for a
section. You must also specify a memory space. Specifying a memory space is done in the
LCF using the segments access permission flags.
A segment that has the X (executable) flag will be loaded to the instruction memory.
A segment that does not have the X (executable) flag will be loaded to the data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More