Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 159 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 159 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics AN3350 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 185 page
background image
AN3350
Pragmas for preprocessing
Doc ID 018512 Rev 2
159/185
Remarks
If you enable this pragma, #line directives appear in preprocessing output. The compiler
also adjusts line spacing by inserting empty lines.
Use this pragma with the command-line compiler’s -E option to make sure that #line
directives are inserted in the preprocessor output.
By default, this pragma is off.
20.8
macro_prepdump
Controls whether the compiler emits #define and #undef directives in preprocessing
output.
Syntax
#pragma macro_prepdump on | off | reset
Remarks
Use this pragma to help unravel confusing problems like macros that are aliasing identifiers
or where headers are redefining macros unexpectedly.
20.9
msg_show_lineref
Controls diagnostic output involving #line directives to show line numbers specified by the
#line
directives in error and warning messages.
Syntax
#pragma msg_show_lineref on | off | reset
Remarks
By default, this pragma is on.
20.10
msg_show_realref
Controls diagnostic output involving #line directives to show actual line numbers in error
and warning messages.
Syntax
#pragma msg_show_realref on | off | reset
Remarks
By default, this pragma is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More