| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 185 page ![]() AN3350 Command-line options for diagnostic messages Doc ID 018512 Rev 2 31/185 5 Command-line options for diagnostic messages 5.1 -disassemble Tells the command-line tool to disassemble files and send result to stdout. Syntax -dis[assemble] Remarks This option is global. 5.2 -help Lists descriptions of the tool’s command-line options. Syntax -help [keyword [,...]] The options for keyword are: all Show all standard options group=keyword Show help for groups whose names contain keyword (case-sensitive). [no]compatible Use compatible to show options compatible with this compiler. Use nocompatible to show options that do not work with this compiler. [no]deprecated Shows deprecated options [no]ignored Shows ignored options [no]meaningless Shows options meaningless for this target [no]normal Shows only standard options [no]obsolete Shows obsolete options [no]spaces Inserts blank lines between options in printout. opt[ion]=name |