Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 27 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 27 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 23Page - STMicroelectronics AN3350 Datasheet HTML 24Page - STMicroelectronics AN3350 Datasheet HTML 25Page - STMicroelectronics AN3350 Datasheet HTML 26Page - STMicroelectronics AN3350 Datasheet HTML 27Page - STMicroelectronics AN3350 Datasheet HTML 28Page - STMicroelectronics AN3350 Datasheet HTML 29Page - STMicroelectronics AN3350 Datasheet HTML 30Page - STMicroelectronics AN3350 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 185 page
background image
AN3350
Command-line options for language translation
Doc ID 018512 Rev 2
27/185
4.5
-gccext
Enables GCC (Gnu Compiler Collection) C language extensions.
Syntax
-gcc[ext] on | off
Remarks
See Section 12.3: GCC extensions for a list of language extensions that the compiler
recognizes when this option is on.
The default setting is off.
4.6
-gcc_extensions
Equivalent to the -gccext option.
Syntax
-gcc[_extensions] on | off
4.7
-M
Scans source files for dependencies and emit a Makefile, without generating object code.
Syntax
-M
Remarks
This command is global and case-sensitive.
4.8
-make
Scans source files for dependencies and emit a Makefile, without generating object code.
Syntax
-make
Remarks
This command is global.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More