| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 185 page ![]() Using build tools AN3350 22/185 Doc ID 018512 Rev 2 linker. When using the compiler and linker separately, you must pass the common options to both. 2.4 File name extensions Files specified on the command line are identified by contents and file extension. The command-line version of the eTPU build tools C/C++ compiler accepts non-standard file extensions as source code but also emits a warning message. By default, the compiler assumes that a file with any extensions besides .c, .h, .pch is C++ source code. The linker ignores all files that it can not identify as object code, libraries, or command files. Linker command files must end in .lcf. They may be simply added to the link line, for example (Example 3). Example 3 Example of using linker command files mwldtarget file.o lib.a commandfile.lcf For more information on linker command files, refer to the Targeting manual for your platform. |