Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 161 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 161 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics AN3350 Datasheet HTML 163Page - STMicroelectronics AN3350 Datasheet HTML 164Page - STMicroelectronics AN3350 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 185 page
background image
AN3350
Pragmas for preprocessing
Doc ID 018512 Rev 2
161/185
20.14
pop, push
Saves and restores pragma settings.
Syntax
#pragma push
#pragma pop
Remarks
The pragma push saves all the current pragma settings. The pragma pop restores all the
pragma settings that resulted from the last push pragma. For example, see Example 112.
Example 112 push and pop example
#pragma ANSI_strict on
#pragma push /* Saves all compiler settings. */
#pragma ANSI_strict off
#pragma pop /* Restores ANSI_strict to on. */
This pragma does not correspond to any panel setting. By default, this pragma is off.
Note:
Pragmas directives that accept on | off | reset already form a stack of previous option
values. It is not necessary to use #pragma pop or #pragma push with such pragmas.
20.15
pragma_prepdump
Controls whether pragma directives in the source text appear in the preprocessing output.
Syntax
#pragma pragma_prepdump on | off | reset
Remarks
By default, this pragma is off.
Note:
When submitting bug reports with a preprocessor dump, be sure this option is enabled.
20.16
precompile_target
Specifies the file name for a precompiled header file.
Syntax
#pragma precompile_target filename
Parameters
filename
A simple file name or an absolute path name. If filename is a simple file name, the compiler
saves the file in the same folder as the source file. If filename is a path name, the compiler
saves the file in the specified folder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More