Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 160 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 160 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 156Page - STMicroelectronics AN3350 Datasheet HTML 157Page - STMicroelectronics AN3350 Datasheet HTML 158Page - STMicroelectronics AN3350 Datasheet HTML 159Page - STMicroelectronics AN3350 Datasheet HTML 160Page - STMicroelectronics AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics AN3350 Datasheet HTML 163Page - STMicroelectronics AN3350 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 185 page
background image
Pragmas for preprocessing
AN3350
160/185
Doc ID 018512 Rev 2
20.11
notonce
Controls whether or not the compiler lets included files be repeatedly included, even with
#pragma once on
.
Syntax
#pragma notonce
Remarks
If you enable this pragma, files can be repeatedly #included, even if you have enabled
#pragma once on
. For more information, see once.
20.12
old_pragma_once
This pragma is no longer available.
20.13
once
Controls whether or not a header file can be included more than once in the same
compilation unit.
Syntax
#pragma once [ on ]
Remarks
Use this pragma to ensure that the compiler includes header files only once in a source file.
This pragma is especially useful in precompiled header files.
There are two versions of this pragma:
#pragma once
and
#pragma once on
Use #pragma once in a header file to ensure that the header file is included only once in a
source file. Use #pragma once on in a header file or source file to ensure that any file is
included only once in a source file.
Beware that when using #pragma once on, precompiled headers transferred from one
host machine to another might not give the same results during compilation. This
inconsistency is because the compiler stores the full paths of included files to distinguish
between two distinct files that have identical file names but different paths. Use the
warn_pch_portability
pragma to issue a warning message when you use #pragma
once on
in a precompiled header.
Also, if you enable the old_pragma_once on pragma, the once pragma completely
ignores path names.
This pragma does not correspond to any panel setting. By default, this pragma is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More