Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 82Page - STMicroelectronics AN3350 Datasheet HTML 83Page - STMicroelectronics AN3350 Datasheet HTML 84Page - STMicroelectronics AN3350 Datasheet HTML 85Page - STMicroelectronics AN3350 Datasheet HTML 86Page - STMicroelectronics AN3350 Datasheet HTML 87Page - STMicroelectronics AN3350 Datasheet HTML 88Page - STMicroelectronics AN3350 Datasheet HTML 89Page - STMicroelectronics AN3350 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 185 page
background image
Working with the ELF linker
AN3350
86/185
Doc ID 018512 Rev 2
MEMORY {
code
(RWX) : ORIGIN = 0x800400, LENGTH = 0
data
(RW)
: ORIGIN = 0, LENGTH = 0
data1
(RW)
: ORIGIN = AFTER (data), LENGTH = 0
}
11.4.7
REF_INCLUDE
Allows you to specify sections that you do not want the linker to dead strip, but only if they
satisfy this condition: the file that contains the section must be referenced. This is useful if
you want to include version information from your source file components.
Prototype
REF_INCLUDE{ sectionType [, sectionType]}
11.4.8
SECTIONS
Defines a new section.
Prototype
SECTIONS { section_spec }
where section_spec is in the format:
sectionName : [AT (loadAddress)] {contents} > segmentName
Parameters
sectionName
The name of the section. This name must start with a period character (.), followed by a
consecutive string of alphanumeric and/or underscore characters (_). For example,
.mysection
.
loadAddress
An optional parameter that specifies the address of the section. The linker sets this to the
relocation address if you do not specify it.
contents
One or more statements that:
●
Assign a value to a symbol. See Section 11.4: Alphabetical keyword listing,
Section 11.3.2: Arithmetic operations, and Section 11.4.1: . (location counter).
●
Describe the placement of an output section, including which input sections are placed
into it. See Section 11.3.6: File selection and Section 11.3.1: Alignment.
segmentName



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More