Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 16Page - STMicroelectronics AN3350 Datasheet HTML 17Page - STMicroelectronics AN3350 Datasheet HTML 18Page - STMicroelectronics AN3350 Datasheet HTML 19Page - STMicroelectronics AN3350 Datasheet HTML 20Page - STMicroelectronics AN3350 Datasheet HTML 21Page - STMicroelectronics AN3350 Datasheet HTML 22Page - STMicroelectronics AN3350 Datasheet HTML 23Page - STMicroelectronics AN3350 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 185 page
background image
Using build tools
AN3350
20/185
Doc ID 018512 Rev 2
2.1.2
Setting the PATH environment variable
The PATH variable should include the paths for your eTPU build tools, shown in Example 2.
Toolset represents the name of the folder that contains the command line tools for your build
target.
Example 2 Example of setting PATH
set CWFolder=C:\Program Files\STMicroelectronics\eTPU Build Tools
v1.2
set PATH=%PATH%;%CWFolder%\Bin
2.2
Invoking command-line tools
To compile, assemble, link, or perform some other programming task with the command-line
tools, you type a command at a command line’s prompt. This command specifies the tool
you want to run, what options to use while the tool runs, and what files the tool should
operate on.
The form of a command to run a command-line tool is
tool options files
where tool is the name of the command-line tool to invoke, options is a list of zero or
more options that specify to the tool what operation it should perform and how it should be
performed, and files is a list of files zero or more files that the tool should operate on.
Which options and files you should specify depend on what operation you want the tool to
perform.
The tool then performs the operation on the files you specify. If the tool is successful it
simply finishes its operation and a new prompt appears at the command line. If the tool
encounters problems it reports these problems as text messages on the command-line
before a new prompt appears.
Scripts that automate the process to build a piece of software contain commands to invoke
command-line tools. For example, the make tool, a common software development tool,
uses scripts to manage dependencies among source code files and invoke command-line
compilers, assemblers and linkers.
2.3
Getting help
To show short descriptions of a tool’s options, type this command at the command line:
tool -help
where tool is the name of the eTPU build tools.
To show only a few lines of help information at a time, pipe the tool’s output to a pager
program. For example,
tool -help | more
will use the more pager program to display the help information.
Enter the following command in a Command Prompt window to see a list of specifications
that describe how options are formatted:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More