Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 165 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 165 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 161Page - STMicroelectronics AN3350 Datasheet HTML 162Page - STMicroelectronics AN3350 Datasheet HTML 163Page - STMicroelectronics AN3350 Datasheet HTML 164Page - STMicroelectronics AN3350 Datasheet HTML 165Page - STMicroelectronics AN3350 Datasheet HTML 166Page - STMicroelectronics AN3350 Datasheet HTML 167Page - STMicroelectronics AN3350 Datasheet HTML 168Page - STMicroelectronics AN3350 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 185 page
background image
AN3350
Pragmas for code generation
Doc ID 018512 Rev 2
165/185
const char* str1 = "cat";
char* str2 = "cat";
char str3[] = "cat";
*str2 = 'h'; /* str1 and str2 point to "hat"! */
str3[0] = 'b';
/* OK: str3 contains "bat", *str1 and *str2 unchanged.
}
21.3
enumsalwaysint
Specifies the size of enumerated types.
Syntax
#pragma enumsalwaysint on | off | reset
Remarks
If you enable this pragma, the C/C++ compiler makes an enumerated type the same size as
an int. If an enumerated constant is larger than int, the compiler generates an error
message. Otherwise, the compiler makes an enumerated type the size of any integral type.
It chooses the integral type with the size that most closely matches the size of the largest
enumerated constant. The type could be as small as a char or as large as a long long.
Example 116 shows an example.
Example 116 Example of enumerations the same as size as int
enum SmallNumber { One = 1, Two = 2 };
/* If you enable enumsalwaysint, this type is
the same size as an int. Otherwise, this type is
the same size as a char. */
enum BigNumber
{ ThreeThousandMillion = 3000000000 };
/* If you enable enumsalwaysint, the compiler might
generate an error message. Otherwise, this type is
the same size as a long long. */
By default, this pragma is off.
21.4
errno_name
Tells the optimizer how to find the errno identifier.
Syntax
#pragma errno_name id | ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More