Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 152 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 152 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 148Page - STMicroelectronics AN3350 Datasheet HTML 149Page - STMicroelectronics AN3350 Datasheet HTML 150Page - STMicroelectronics AN3350 Datasheet HTML 151Page - STMicroelectronics AN3350 Datasheet HTML 152Page - STMicroelectronics AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics AN3350 Datasheet HTML 155Page - STMicroelectronics AN3350 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 185 page
background image
Pragmas for diagnostic messages
AN3350
152/185
Doc ID 018512 Rev 2
precompiled header from machine to machine causes the precompiled header to produce
different results. For more information, see pragma once.
This pragma does not correspond to any panel setting. By default, this setting is off.
19.29
warn_possunwant
Controls the recognition of possible unintentional logical errors.
Syntax
#pragma warn_possunwant on | off | reset
Remarks
If you enable this pragma, the compiler checks for common, unintended logical errors:
●
An assignment in either a logical expression or the conditional portion of an if, while,
or for expression. This warning message is useful if you use = when you mean to use
==
.Example 100 shows an example.
Example 100 Confusing = and == in Comparisons
if (a=b) f(); /* WARNING: a=b is an assignment. */
if ((a=b)!=0) f(); /* OK: (a=b)!=0 is a comparison. */
if (a==b) f(); /* OK: (a==b) is a comparison. */
●
An equal comparison in a statement that contains a single expression. This check is
useful if you use == when you meant to use =. Example 101 shows an example.
Example 101 Confusing = and == Operators in Assignments
a == 0;
// WARNING: This is a comparison.
a = 0;
// OK: This is an assignment, no warning
●
A semicolon (;) directly after a while, if, or for statement.
For example, Example 102 generates a warning message.
Example 102 Empty statement
i = sockcount();
while (--i);
/* WARNING: empty loop. */
matchsock(i);
If you intended to create an infinite loop, put white space or a comment between the while
statement and the semicolon. The statements in Example 103 suppress the above error or
warning messages.
Example 103 Intentional empty statements
while (i++) ; /* OK: White space separation. */
while (i++) /* OK: Comment separation */ ;
By default, this pragma is off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More