Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 150 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 150 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 146Page - STMicroelectronics AN3350 Datasheet HTML 147Page - STMicroelectronics AN3350 Datasheet HTML 148Page - STMicroelectronics AN3350 Datasheet HTML 149Page - STMicroelectronics AN3350 Datasheet HTML 150Page - STMicroelectronics AN3350 Datasheet HTML 151Page - STMicroelectronics AN3350 Datasheet HTML 152Page - STMicroelectronics AN3350 Datasheet HTML 153Page - STMicroelectronics AN3350 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 185 page
background image
Pragmas for diagnostic messages
AN3350
150/185
Doc ID 018512 Rev 2
int main()
{
f = si; /* WARNING */
si = f; /* WARNING */
ui = si; /* WARNING */
si = ui; /* WARNING */
}
Note:
This option “opens the gate” for the checking of implicit conversions. The sub-pragmas
warn_impl_f2i_conv
, warn_impl_i2f_conv, and warn_impl_s2u_conv control the
classes of conversions checked.
By default, this pragma is off.
19.24
warn_largeargs
Controls the issuing of warning messages for passing non-”int” numeric values to
unprototyped functions.
Syntax
#pragma warn_largeargs on | off | reset
Remarks
If you enable this pragma, the compiler issues a warning message if you attempt to pass a
non-integer numeric value, such as a float or long long, to an unprototyped function
when the require_prototypes pragma is disabled.
This pragma does not correspond to any panel setting. By default, this pragma is off.
19.25
warn_missingreturn
Issues a warning message when a function that returns a value is missing a return
statement.
Syntax
#pragma warn_missingreturn on | off | reset
Remarks
An example is shown in Example 98.
Example 98 Example of warn_missingreturn pragma
#pragma warn_missingreturn on
int func()
{
/* WARNING: no return statement. */
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More