Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 118 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 118 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 114Page - STMicroelectronics AN3350 Datasheet HTML 115Page - STMicroelectronics AN3350 Datasheet HTML 116Page - STMicroelectronics AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics AN3350 Datasheet HTML 120Page - STMicroelectronics AN3350 Datasheet HTML 121Page - STMicroelectronics AN3350 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 185 page
background image
Predefined macros
AN3350
118/185
Doc ID 018512 Rev 2
15
Predefined macros
The compiler preprocessor has predefined macros (some refer to these as predefined
symbols). The compiler simulates variable definitions that describe the compile-time
environment and properties of the target processor.
This chapter lists the predefined macros that all eTPU build tools compilers make available.
●
__COUNTER__
●
__cplusplus
●
__CWCC__
●
__embedded_cplusplus
●
__FILE__
●
__func__
●
__FUNCTION__
●
__ide_target()
●
__LINE__
●
__MWERKS__
●
__PRETTY_FUNCTION__
●
__profile__
●
__STDC__
●
__TIME__
15.1
__COUNTER__
Preprocessor macro that expands to an integer.
Syntax
__COUNTER__
Remarks
The compiler defines this macro as an integer that has an initial value of 0 incrementing by 1
every time the macro is used in the translation unit.
The value of this macro is stored in a precompiled header and is restored when the
precompiled header is used by a translation unit.
15.2
__cplusplus
Preprocessor macro defined if compiling C++ source code.
Syntax
__cplusplus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More