Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 116 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 116 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 112Page - STMicroelectronics AN3350 Datasheet HTML 113Page - STMicroelectronics AN3350 Datasheet HTML 114Page - STMicroelectronics AN3350 Datasheet HTML 115Page - STMicroelectronics AN3350 Datasheet HTML 116Page - STMicroelectronics AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics AN3350 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 185 page
background image
Declaration specifications
AN3350
116/185
Doc ID 018512 Rev 2
14.4.3
__attribute__((malloc))
Specifies that the pointers returned by a function will not point to objects that are already
referred to by other variables.
Syntax
function-declaration __attribute__((malloc));
function-definition __attribute__((malloc));
Remarks
This attribute specification gives the compiler extra knowledge about pointer aliasing so that
it can apply stronger optimizations to the object code it generates.
14.4.4
__attribute__((noalias))
Prevents access of data object through an indirect pointer access.
Syntax
function-parameter __attribute__((noalias));
variable-declaration __attribute__((noalias));
variable-definition __attribute__((noalias));
Remarks
This attribute specifies to the compiler that a data object is only accessed directly, helping
the optimizer to generate a better code. The sample code in Example 72 will not return a
correct result if ip is pointed to a.
Example 72 Example of the noalias attribute
extern int a __attribute__((noalias));
int f(int *ip)
{
a = 1;
*ip = 0;
return a;
// optimized to return 1;
}
14.4.5
__attribute__((returns_twice))
Specifies that a function may return more than one time because of multithreaded or non-
linear execution.
Syntax
function-declaration __attribute__((returns_twice));
function-definition __attribute__((returns_twice));



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More