Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 115 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 115 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 111Page - STMicroelectronics AN3350 Datasheet HTML 112Page - STMicroelectronics AN3350 Datasheet HTML 113Page - STMicroelectronics AN3350 Datasheet HTML 114Page - STMicroelectronics AN3350 Datasheet HTML 115Page - STMicroelectronics AN3350 Datasheet HTML 116Page - STMicroelectronics AN3350 Datasheet HTML 117Page - STMicroelectronics AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 185 page
background image
AN3350
Declaration specifications
Doc ID 018512 Rev 2
115/185
14.4
Attribute specifications
14.4.1
__attribute__((deprecated))
Specifies that the compiler must issue a warning when a program refers to an object.
Syntax
variable-declaration __attribute__((deprecated));
variable-definition __attribute__((deprecated));
function-declaration __attribute__((deprecated));
function-definition __attribute__((deprecated));
Remarks
This attribute instructs the compiler to issue a warning when a program refers to a function
or variable. Use this attribute to discourage programmers from using functions and variables
that are obsolete or will soon be obsolete.
Example 71 Example of deprecated attribute
int velocipede(int speed) __attribute__((deprecated));
int bicycle(int speed);
int f(int speed)
{
return velocipede(speed); /* Warning. */
}
int g(int speed)
{
return bicycle(speed * 2); /* OK */
}
14.4.2
__attribute__((force_export))
Prevents a function or static variable from being dead-stripped.
Syntax
function-declaration __attribute__((force_export));
function-definition __attribute__((force_export));
variable-declaration __attribute__((force_export));
variable-definition __attribute__((force_export));
Remarks
This attribute specifies that the linker must not dead-strip a function or static variable even if
the linker determines that the rest of the program does not refer to the object.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More