| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3350 Fiches technique(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3350 Fiches technique(HTML) 117 Page - STMicroelectronics |
|
117 / 185 page ![]() AN3350 Declaration specifications Doc ID 018512 Rev 2 117/185 Remarks This attribute specifies to the compiler that the program’s flow of execution might enter and leave a function without explicit function calls and returns. For example, the standard library’s setjmp() function allows a program to change its execution flow arbitrarily. With this information, the compiler limits optimizations that require explicit program flow. 14.4.6 __attribute__((unused)) Specifies that the programmer is aware that a variable or function parameter is not referred to. Syntax function-parameter __attribute__((unused)); variable-declaration __attribute__((unused)); variable-definition __attribute__((unused)); Remarks This attribute specifies that the compiler should not issue a warning for an object if the object is not referred to. This attribute specification has no effect if the compiler’s unused warning setting is off. Example 73 Example of the unused attribute void f(int a __attribute__((unused))) /* No warning for a. */ { int b __attribute__((unused)); /* No warning for b. */ int c; /* Possible warning for c. */ return 20; } 14.4.7 __attribute__((used)) Prevents a function or static variable from being dead-stripped. Syntax function-declaration __attribute__((used)); function-definition __attribute__((used)); variable-declaration __attribute__((used)); variable-definition __attribute__((used)); Remarks This attribute specifies that the linker must not dead-strip a function or static variable even if the linker determines that the rest of the program does not refer to the object. |