Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3350 Fiches technique(PDF) 122 Page - STMicroelectronics

No de pièce AN3350
Description  eTPU compiler tools
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3350 Fiches technique(HTML) 122 Page - STMicroelectronics

Back Button AN3350 Datasheet HTML 118Page - STMicroelectronics AN3350 Datasheet HTML 119Page - STMicroelectronics AN3350 Datasheet HTML 120Page - STMicroelectronics AN3350 Datasheet HTML 121Page - STMicroelectronics AN3350 Datasheet HTML 122Page - STMicroelectronics AN3350 Datasheet HTML 123Page - STMicroelectronics AN3350 Datasheet HTML 124Page - STMicroelectronics AN3350 Datasheet HTML 125Page - STMicroelectronics AN3350 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 185 page
background image
Predefined macros
AN3350
122/185
Doc ID 018512 Rev 2
Remarks
The compiler implicitly defines this variable at the beginning of each function if the function
refers to __PRETTY_FUNCTION__. This name, function-name, is the same identifier that
appears in source code, not the “mangled” identifier that the compiler and linker use. The
C++ compiler “mangles” a function name by appending extra characters to the function’s
identifier to denote the function’s return type and the types of its parameters.
The ISO/IEC 14882-1998 C++ standard does not specify this symbol.
15.13
__profile__
Preprocessor macro that specifies whether or not the compiler is generating object code for
a profiler.
Syntax
__profile__
Remarks
Defined as 1 when generating object code that works with a profiler. Undefined otherwise.
The ISO standards does not specify this symbol.
15.14
__STDC__
Defined as 1 when compiling ISO/IEC Standard C source code, undefined otherwise.
Syntax
__STDC__
Remarks
The compiler defines this macro as 1 when the compiler’s settings are configured to restrict
the compiler to translate source code that conforms to the ISO/IEC 9899-1990 and ISO/IEC
9899-1999 standards. The compiler does not define this macro otherwise.
15.15
__TIME__
Preprocessor macro defined as a character string representation of the time of compilation.
Syntax
__TIME__
Remarks
The compiler defines this macro as a character string representation of the time of
compilation. The format of this string is
"hh:mm:ss"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More